Part Number Hot Search : 
00150 ZQ3500 FSMD1206 AME8838 NTE3147 126JB NJU7630M OA2NP34S
Product Description
Full Text Search
 

To Download SP10554R3ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 REF : PROD. NAME
SPECIFICATION FOR APPROVAL
SHIELDED SMD POWER INDUCTOR MECHANICAL DIMENSIONSG
B C A : 11.000.30 B : 9.350.30 C : 5.500.30 D D : 2.10 typ. E : 2.00 typ. E1: 1.00 typ. E2: 1.50 typ. F : 6.00 typ. E1 E 5.8 3.0 3.0 3.0 ABC'S DWG No. ABC'S ITEM No. SP1055L-
PAGE: 1
O
m/m m/m m/m m/m m/m m/m m/m m/m
1R4
Mass-prod. Black
A
E2
6.0
2.8 10.0
2.0
F
1.4
O
SCHEMATIC DIAGRAMG
1 2
a c
MATERIALS LISTG
aO CoreG Ferrite ER core bO BaseG UL 94V-0 cO WireG Ultra-fine rectangular Enamelled copper wire dO ClipG Cu / Ni / Sn eO AdhesiveG Epoxy resin fO RemarkG Products comply with RoHS' requirements d
Peak TempG 260J max. Max time above 230J G 50sec max. Max time above 200J G 70sec max.
Temperature Rising Area +4.0J / sec max. Preheat Area 150 ~ 200J / 60 ~ 120sec
3.0
b e
Reflow Area +2.0 ~ 4.0J / sec max.
Forced Cooling Area -(1.0 ~ 5.0)J / sec max.
Peak Temperature: 260J
250
50sec max.
230J
1/4O
GENERAL SPECIFICATIONG
aO Storage temp.G -55J ~ +135J bO Operating temp .G -55J ~ +135J ( Temp. rise included ) cO Resistance to solder heatG 260J . 10 secs.
Temperature ( J )
200 150
70sec max.
100 50
0
50
100
150 Time ( seconds )
200
250
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2
SHIELDED SMD POWER INDUCTOR ELECTRICAL CHARACTERISTICSG
Inductance L ( H ) 0.36 30 H 0.80 20 H 1.40 20 H 2.20 20 H 3.20 20 H 4.30 20 H 5.70 20 H 7.20 20 H 8.80 20 H
ABC'S DWG No. ABC'S ITEM No.
SP1055L-
1/2O
DWG No.
Isat (A) 26.0 18.0 14.0 10.0 9.0 8.0 7.0 6.2 5.6
Irms (A) 28.0 20.0 16.0 12.0 11.0 10.0 7.6 7.0 6.0
RDC ( m ) max. 1.7 2.5 3.2 5.8 7.2 8.5 13.2 15.5 17.2 typ. 1.3 1.9 2.4 4.7 5.6 6.5 10.7 11.9 13.2
SP1055R36YL- SP1055R80ML- SP10551R4ML- SP10552R2ML- SP10553R2ML- SP10554R3ML- SP10555R7ML- SP10557R2ML- SP10558R8ML-
1). 2). "-
":Reference code
Packaging information ... AG Bulk
BG Taping Reel
3). Measured frequency of inductance is 100 KHz / 1V 4). Isat base on inductance drop 25% typ. of L value at 20J 5). Irms base on temp. rise 40J max.
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 3
SHIELDED SMD POWER INDUCTOR
ABC'S DWG No. ABC'S ITEM No.
SP1055L-
@ Inductance VS. DC Superposition characteristics 10.0 8R8 8.0 7R2 Inductance ( uH )
6.0
5R7
4R3 4.0 3R2
2.0 0
2.5
5 DC Current ( A )
7.5
10
3.0
Inductance ( uH )
2R2 2.0 1R4 1.0
R80
R36 0 10 20 DC Current ( A ) AR-001A 30 40
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
SHIELDED SMD POWER INDUCTOR
@ DC Current VS Temperature Rise
J 100 75 50 25 0 0 10 20 30 40 A
ABC'S DWG No. ABC'S ITEM No.
SP1055L-
R36
J 100 75 50 25 0 0 10
R80
20
30
40 A
J 100 75 50 25 0 0 10
1R4
J 100 75 50 25 0
2R2
20
30
40 A
0
5
10
15
20 A
J 100 75 50 25 0 0 5
3R2
J 100 75 50 25 0
4R3
10
15
20 A
0
5
10
15
20 A
J 100 75 50 25 0 0 5
5R7
J 100 75 50 25 0
7R2
10
15
20 A
0
2.5
5
7.5
10 A
J 100 75 50 25 0 0 2.5
8R8
5
7.5
10 A
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
SHIELDED SMD POWER INDUCTOR PACKAGING INFORMATIONG
( 1 ) Configuration
ABC'S DWG No. ABC'S ITEM No.
SP1055L-
O
T
Cover Tape
2.00.5 A B N i C i C
G P:16 m/m End 4 m/m
D
Embossed carrier
Carrier tape width : D
Start
1R4
1R4
1R4
1R4
1R4
Leader no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 13 - 24 A 330 B 210.8 C 130.5 D 24 G 26 +0 N 50 -0
Unit:m/m T 30.4
( 3 ) Q'TY & G.W. Per package Inner : Reel Series SP1055
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (Kg) Size (cm)
600
700
13 - 24
2,400
6.50
40 x 40 x 24
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 6
SHIELDED SMD POWER INDUCTOR DWGING NUMBER EXPRESSIONG
ABC'S DWG No. ABC'S ITEM No.
SP1055L-
O
S
P
1
0
5
5 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1G Product Classification LG Lead Free Standard products comply with RoHS' requirements 1 ~ 9G Lead Free Special products comply with RoHS' requirements
Appendix code 2G Package Information Code A B Inner package T.B.D. T / R ( Reel package ) Inner package Q'TY T.B.D 600 pcs Remark
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 7
SHIELDED SMD POWER INDUCTOR RELIABILITY TESTG
Test item Specification More than 90% of the terminal electrode Shall be covered With fresh solder.
ABC'S DWG No. ABC'S ITEM No.
SP1055L-
AO
Test condition Preheat : 15025J for 60 seconds Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355J Flux : Rosin Dip time : 41 seconds
Solderability
Thermal shock test ( Temp. cycle )
Inductance shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-252 J 30 minutes 852 J 30 minutes
Humidity Resistance test
Temperature : 402J Humidity : 90 ~ 95% Applied current : Per spec. Time : 500 hours
High temp. Resistance test
Temperature : 852J Applied current : Per spec. Time : 500 hours
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 8
SHIELDED SMD POWER INDUCTOR
ABC'S DWG No. ABC'S ITEM No.
SP1055L-
UL CARDG
OBMW2
Component-Magnet Wire
January 7, 1988 E104048 (S)
MITSUBISHI CABLE INDUSTRIES LTD 4-3 IKEJIRI ITAMI , HYOGO 664 JAPAN
Mtl Dsg EDW-R52 Coat Typ BC Medis Oyercoat Ester-imide ANSI Type ----
Temp Class 155
MarkingG Company name and type designation on package or reels.
See General Information Preceding These Recognitions.
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
ReportG January 5, 1988.
302279005 H7642
Underwriters Laboratories Inc.
R
D11/0149909
QMFZ2
Plastics-Component
August 31, 2002 E91944
H A I
___
NIPPON PETROCHEMICALS CO LTD
Min H Thk Flame W Class Mterial Dsg Color mm I Liquid Crystal Polyester (LCP), glass filled, furnished as pellets.
HM-402 NC , BK 0.30 V-0 ___
Elec
RTI
Mech Slr Imp
130 130
H V T R
___
D 4 9 5
___
C T I
___
130
(a)-Virgin and Regrind up to 50% have the same basic characteristics. r1-Virgin and Regrind from 1 to 50% by weight incl. have the same Flame characleristics, Tensile Impact, Tensile Strength and Heat Deflection in natural color only. r2-Virgin and Regrind from 26-50% by weight inclusive for the colors NC, and BK liave the same Flame, and Tensile Impact characteristics. r3-Virgin and Regrind from 26-50% by weight inclusive have the same Flame and Tensile lmpact characteristics. MarkingG Company name or trademark designation on container, wrapper or finished part. and material
10/15/2002
Underwriters Laboratories Inc.
Card 8 of 9
AR-001A


▲Up To Search▲   

 
Price & Availability of SP10554R3ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X